PART |
Description |
Maker |
HTB200-P HTB400-P HTB50-P HTB100-TP HTB300-P |
Current Transducers HTB 50~400-P and HTB 50~100-TP 电流转换器HTB0400 - P和HTB系列50100,大 Current Transducers HTB 50~400-P and HTB 50~100-TP 电流转换器HTB50400 - P和HTB系列50100,大
|
LEM[LEM]
|
HTB-XXX |
HTB Panel Mount Series
|
Cooper
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
ESD4 ESD2 ESD6 ESD20 ESD10 |
Fuse ELECTRIC FUSE, 10A, 550VAC, 250VDC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
0275007.M- 0275003.M- 0275004.M- 027501.5M- 027501 |
PICO? Fuse Very Fast-Acting Fuse 275/276 Series
|
Littelfuse
|
AAO2 AAO10 AAO20 AAO25 AAO4 AAO32 AAO16 AAO6 AAO32 |
Fuse ELECTRIC FUSE, 4A, 550VAC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|